Part Number Hot Search : 
CO55C DF10S Q7015R9 30150 MB90F347 CXK5416P SFH495P LP295
Product Description
Full Text Search
 

To Download MSC1015MP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 140 COMMERCE DRIVE MONTGOMERYVILLE, PA 18936-1013 PHONE: (215) 631-9840 FAX: (215) 631-9855
MSC1015MP
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS Features
* * * * * * * * DESIGNED FOR HIGH POWER PULSED IFF, DME, TACAN APPLICATIONS 20 W (typ.) IFF 1030 - 1090 MHz 15 W (min.) DME 1025 - 1150 MHz 15 W (typ.) TACAN 960 -1215 MHz REFRACTORY GOLD METALLIZATION EMITTER BALLASTING AND LOW THERMAL RESISTANCE FOR RELIABILITY AND RUGGEDNESS 20:1 LOAD VSWR CAPABILITY AT SPECIFIED OPERATING CONDITIONS INPUT MATCHED, COMMON BASE CONFIGURATION
DESCRIPTION:
The MSC1015MP is a gold-metallized, epitaxial, silicon NPN power transistor designed for applications requiring high peak power and low duty cycles, such as IFF, DME, and TACAN. It is packaged in the .280" input-matched stripline package, resulting in improved broadband performance and low thermal resistance.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C)
Symbol Parameter Value Unit
VCBO VCES VEBO IC PDISS TJ T STG
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Device Current Power Dissipation Junction Temperature Storage Temperature
65 65 3.5 1.5 87.5 + 200 -65 to +150
V V V A W C C
THERMAL DATA
RTH(j-c) Junction-Case Thermal Resistance 2 C/W
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MSC1015MP
ELECTRICAL SPECIFICATIONS (Tcase = 25 C) 25
STATIC
Symbol Test Conditions Min. Value Typ. Max. Units
BVCBO BVCES BVEBO ICES hFE
IC = 10 mA IC = 25 mA IE = 1 mA VCE = 50 V VCE = 5 V
IE = 0 mA VBE = 0 V IC = 0 mA IE = 0 mA IC = .1 A
65 65 3.5 10 2 200
V V V
DYNAMIC
Symbol Test Conditions Min. Value Typ. Max. Units
POUT GP cC
Note:
f = 1025 - 1150 MHz f = 1025 - 1150 MHz f = 1025 - 1150 MHz
Pulse width = 10Sec Duty Cycle = 1%
PIN = 1.5 W PIN = 1.5 W PIN = 1.5 W
VCE = 50 V VCE = 50 V VCE = 50 V
15 10 30
W dB %
IMPEDANCE DATA
Freq. (MHz) ZIN ( ) ZCL ( )
960 1030 1090 1150 1215
2.5 + j 12.5 3.5 + j 12.5 3.0 + j 13.5 3.5 + j 14.0 5.0 + j 17.0
17.0 + j 15.5 17.0 + j 14.5 19.5 + j 12.5 18.0 + j 12.0 16.0 + j 12.0
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MSC1015MP
PACKAGE MECHANICAL DATA
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.


▲Up To Search▲   

 
Price & Availability of MSC1015MP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X